PART |
Description |
Maker |
P6KE18A P6KE22 P6KE36A P6KE6.8A P6KE7.5A P6KE160 P |
600 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 138.00 V. Test current IT = 1 mA. TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:6.8-440V PEAK PULSE POWER: 600W 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 600瓦特峰值功率瞬态电压抑制器 Power Amplifier Driver 32-VQFN -40 to 85 600瓦特峰值功率瞬态电压抑制器 600 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 284.00 V. Test current IT = 1 mA.
|
Shanghai Sunrise Electronics Bytes
|
P6KE200AG P6KE180ARLG ONSEMICONDUCTOR-P6KE180ARLG |
600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors 600 Watt Peak Power Surmetic -40 Transient Voltage Suppressors 600 W Transient Voltage Suppressor 200 V SUR40 Unidirectional; Package: Surmetic 40, Axial Lead; Container: Bulk; Qty per Container: 1000 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
P6KEXXXAG P6KEXXXA P6KEXXXARL P6KEXXXARLG P6KE18G |
600 W Transient Voltage Suppressor 47 V SUR40 Unidirectional; Package: Surmetic 40, Axial Lead; Container: Tape and Reel; Qty per Container: 4000 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE 600 Watt Peak Power Surmetic TM -40 Transient Voltage Suppressors
|
ONSEMI[ON Semiconductor] http://
|
P6FMBJ P6FMBJ10 P6FMBJ100 P6FMBJ100A P6FMBJ10A P6F |
GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE) GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE) 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 3" ZINC HUB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
RECTRON[Rectron Semiconductor]
|
1SMB10AT3G 1SMB24CAT3G 1SMB26CAT3G 1SMB130AT3G 1SM |
600 Watt Peak Power Zener Transient Voltage Suppressors 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA Watt Peak Power Zener Transient Voltage Suppressors 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
ON Semiconductor
|
SMA6F5.0A SMA6F12A SMA6F13A |
600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
|
Micro Commercial Components
|
P6KE200B-D |
600 Watt Peak Power Transient Voltage Suppressors
|
ON Semiconductor
|
P6KE20A P6KE7.5 P6KE7.5A P6KE440A P6KE P6KE200 P6K |
600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
|
BYTES[Bytes]
|
NSB13ANT3G |
600 Watt Peak Power Zener Transient Voltage Suppressor
|
ON Semiconductor
|
1SMB51AT3 1SMB54AT3G 1SMB5.0AT3G 1SMB54AT3 1SMB6.5 |
600 WATT PEAK POWER ZENER TRANSIENT VOLTAGE SUPPRESSORS
|
http:// ONSEMI[ON Semiconductor]
|
SMBG150A SMBG130 SMBG130A SMBG80A SMBG10 SMBG9.0 S |
SURFACE MOUNT 600 Watt Transient Voltage Suppressor SURFACE MOUNT 600 Watt SURFACE MOUNT 600 Watt SURFACE MOUNT 600 Watt Transient Voltage Suppressor
|
Microsemi Corporation
|
1SMB5.0AT3-D 1SMB5.0AT3/D |
600 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional*
|
ON Semiconductor
|